Part Number Hot Search : 
CM2334 67A42 ISL88021 63245 AK4185 75100 RL205 ASRD715
Product Description
Full Text Search
 

To Download MMDT3904S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMDT3904S
NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR Features
* * * Epitaxial Planar Die Construction Ideal for Low Power Amplification and Switching Ultra-Small Surface Mount Package
SOT-363
A
NC
ADVANCE INFORMATION
Dim
E1
Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10
Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25
B1
A B C D F H J
M
Mechanical Data
* * * * * Case: SOT-363, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Terminal Connections: See Diagram Marking: 6M Weight: 0.006 grams (approx.)
NC
KXX
NC
BC
C1
0.65 Nominal
H K
K L M
J
D
F
L
All Dimensions in mm
Maximum Ratings
Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage
@ TA = 25C unless otherwise specified Symbol VCBO VCEO VEBO IC Pd RqJA Tj, TSTG MMDT3904S 60 40 6.0 200 200 625 -55 to +150 Unit V V V mA mW K/W C
Characteristic
Collector Current - Continuous (Note 1) Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient (Note 1) Operating and Storage and Temperature Range
Notes:
1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width 300ms, duty cycle 2%.
DS30192 Rev. 2P-5
1 of 2
MMDT3904S
ADVANCE INFORMATION
Electrical Characteristics
Characteristic OFF CHARACTERISTICS (Note 2) Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cutoff Current Base Cutoff Current ON CHARACTERISTICS (Note 2)
@ TA = 25C unless otherwise specified Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICEX IBL Min 60 40 5.0 3/4 3/4 40 70 100 60 30 3/4 0.65 3/4 3/4 3/4 1.0 0.5 100 1.0 300 3/4 Max 3/4 3/4 3/4 50 50 3/4 3/4 300 3/4 3/4 0.20 0.30 0.85 0.95 4.0 8.0 10 8.0 400 40 3/4 5.0 Unit V V V nA nA Test Condition IC = 10mA, IE = 0 IC = 1.0mA, IB = 0 IE = 10mA, IC = 0 VCE = 30V, VEB(OFF) = 3.0V VCE = 30V, VEB(OFF) = 3.0V IC = 100A, VCE = IC = 1.0mA, VCE = IC = 10mA, VCE = IC = 50mA, VCE = IC = 100mA, VCE = 1.0V 1.0V 1.0V 1.0V 1.0V
DC Current Gain
hFE
3/4
Collector-Emitter Saturation Voltage Base- Emitter Saturation Voltage SMALL SIGNAL CHARACTERISTICS Output Capacitance Input Capacitance Input Impedance Voltage Feedback Ratio Small Signal Current Gain Output Admittance Current Gain-Bandwidth Product Noise Figure SWITCHING CHARACTERISTICS Delay Time Rise Time Storage Time Fall Time
VCE(SAT) VBE(SAT)
V V
IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA IC = 10mA, IB = 1.0mA IC = 50mA, IB = 5.0mA VCB = 5.0V, f = 1.0MHz, IE = 0 VEB = 0.5V, f = 1.0MHz, IC = 0
Cobo Cibo hie hre hfe hoe fT NF
pF pF kW x 10-4 3/4 mS MHz dB
VCE = 10V, IC = 1.0mA, f = 1.0kHz
VCE = 20V, IC = 10mA, f = 100MHz VCE = 5.0V, IC = 100mA, RS = 1.0kW, f = 1.0kHz
td tr ts tf
3/4 3/4 3/4 3/4
35 35 200 50
ns ns ns ns
VCC = 3.0V, IC = 10mA, VBE(off) = - 0.5V, IB1 = 1.0mA VCC = 3.0V, IC = 10mA, IB1 = IB2 = 1.0mA
Notes:
1. Valid provided that terminals are kept at ambient temperature. 2. Pulse test: Pulse width 300ms, duty cycle 2%.
DS30192 Rev. 2P-5
2 of 2
MMDT3904S


▲Up To Search▲   

 
Price & Availability of MMDT3904S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X